Part Number Hot Search : 
07024 16N60 102M2 23226403 DTA114E NTE5117A SCN2672T HT204
Product Description
Full Text Search
 

To Download JANTXV1N827ATR-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6.2 & 6.55 volt temperature compensated zener reference diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 3 10-27- 2003 re v c w w w . mi c r o s e m i . c o m scottsd a l e division 1n821 thru 1n829a- 1 do-7 1 n 8 2 1 ? 1 n 8 2 9 a - 1 descripti on appeara n c e the pop ular 1n821 th ru 1n829 se ri es of zero-tc refe re nce diode s provide s a selectio n of b o th 6.2 v a nd 6.55 v n o minal volta ges and temperature coeffici ents t o as lo w as 0.0005%/ o c for minimal voltage cha nge with temperature whe n o per ated at 7.5 m a . the s e gl ass axial - leade d do -7 referen c e dio des a r e al so available in jan, jantx, jantxv, and jans m ilitary qualifi c ations. micr osemi al so o ffers n u me ro us other zene r refe re nce diod e produ cts for a v a ri ety of other voltages up t o 200 v. import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? jedec reg i ste r ed 1n 821 thr u 1n82 9 series ? internal meta ll urgic a l bo nds ? dou b le a n o de optio n w i th 1n 822 a nd 1 n 82 4 selecti on ? refere nce volt age se lecti on o f 6.2 v & 6.55 v + / -5% w i t h further tig h t toleranc e op tions at nomi n a l of 6.35 v ? 1n8 21, 82 3, 825, 827 and 8 2 9 also h a ve mil i tar y qua lificati on to mil-prf - 195 0 0 /159 u p to the jans level by adding jan, jan t x , jant x v , or jans prefi x es to part numbers as w e ll as the ?-1? s u ffix, e.g. jant x1n8 29- 1, etc. ? radi atio n har d ene d dev ices a v aila bl e b y c h a ngi ng ?1n? prefi x to ?rh?, e.g. rh8 27, rh 82 9, rh82 9 a, etc. also consult factor y for ? rh? data sh eet brochur e ? militar y surfac e mount equ iv a l ents also av ail abl e in do-213aa w i t h ur-1 suffi x a nd jan, jant x, or jant xv prefi x , e.g. jan t x1 n82 9 ur- 1 (se e separ ate data she e t) ? also ava ila bl e i n small e r a x ia l- lea ded do-3 5 packa ge (see sep a rate data she e t) ? provid es mini mal volta ge ch ang es over a b r oad temperatur e ra nge ? f o r instrument ation a nd oth e r circuit desi gns requ irin g a stable vo ltag e referenc e ? maximum tem peratur e coeffi cient sel e ction s avail a b l e from 0.01%/oc to 0. 000 5%/oc ? t i ght voltage toler ances w i t h nomi nal refer e nce voltag es of 6.3 5 v avail abl e b y a ddi ng tol e ra nce 1%, 2%, 3%, e t c. after the par t number for ide n tificatio n e. g. 1n82 7-2 % , 1n8 29a -1%, 1 n 82 9- 1-1%, etc. ? f l exibl e a x i a l-l ead mo unti ng termina ls ? nons ensitiv e to esd per mil - st d-750 method 102 0 max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g & storag et empera t ure: -65 o c to +175 o c ? dc po w e r d i ss ipati on: 500 m w @ t l = 25 o c and maximum curr ent i zm of 70 ma. not e : f o r optimum voltag e-temper ature stabi lit y , i z = 7.5 ma (less than 50 mw in dissip a ted po w e r) ? sold er temper atures: 260 o c for 10 s (max i mum) ? case: hermetically sealed glass case w i th do-7 (d o-2 0 4 aa) pa cka ge ? t e rminals: t i n-lead pl ated and sol der abl e per mil-st d-750, method 2 0 2 6 ? marking: part number an d cathod e ba nd ( e xc ept dou ble ano de 1n8 22 a nd 1n 824) ? polarit y : r e ferenc e di ode to be oper ated w i th the ban de d en d positiv e w i th respect to the opp osite e nd ? t ape & reel optio n: standa rd per eia-296 (add ?t r? suffix to part number) ? w e igh t : 0.2 grams. ? see pack a g e d i mensi ons o n l a st page do-7 (do-204aa)
6.2 & 6.55 volt temperature compensated zener reference diodes scottsd a l e division 1n821 thru 1n829a- 1 do-7 w w w . mi c r o s e m i . c o m 1 n 8 2 1 ? 1 n 8 2 9 a - 1 *electric a l ch ara cteri s tic s @ 25 o c, u n less otherwise specified zener vo lt a g e (no t e 1 a nd 4 ) v z @ i zt zener test curren t i zt ma x i m u m zener imped a n ce (no t e 2) z zt @ i zt ma x i m u m reverse curren t i r @ 3 v vo lt a g e temper a t ure st a b ili t y ( ? v zt ma x ) -55 o c t o +100 o c (no t e 3 a nd 4 ) effective temper a t ure coef ficien t vz jedec type number (no t e 1, 5 & 6) v o l t s m a o h m s a m v % / o c 1n821 1n821a 1n822? 1n823 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 7.5 7.5 7.5 7.5 15 10 15 15 2.0 2.0 2.0 2.0 96 96 96 48 0.01 0.01 0.01 0.005 1n823a 1n824? 1n825 1n825a 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 7.5 7.5 7.5 7.5 10 15 15 10 2.0 2.0 2.0 2.0 48 48 19 19 0.005 0.005 0.002 0.002 1n826 1n827 1n827a 1n828 6.2 ? 6.9 5.9 ? 6.5 5.9 ? 6.5 6.2 ? 6.9 7.5 7.5 7.5 7.5 15 15 10 15 2.0 2.0 2.0 2.0 20 9 9 10 0.002 0.001 0.001 0.001 1n829 1n829a 5.9 ? 6.5 5.9 ? 6.5 7.5 7.5 15 10 2.0 2.0 5 5 0.0005 0.0005 *j ede c regis t ered data. ?do uble ano de; electri c al spe c ific ation s apply unde r both bia s pol arities. notes : 1. add a ?-1 ? suffix f o r internal metall urgical bond. when orde ring dev ices w i th tighter t o ler ances than specified for the v z voltage nominal of 6.35 v, add a h y phened suffix to t he part num ber f o r desired tolera nce, e.g. 1n827 - 1 -2%, 1 n 829 -1-1 %, 1n82 9a-1 %, 1n829a-1 -1% , et c. 2. zener imped ance measured b y s uperimposi ng 0.7 5 ma ac rms on 7.5 ma dc @ 25 o c. 3. the ma ximum allowable change o b served over the entire tempe r atu r e rang e i.e., the diode voltage w ill not exceed t he specifie d mv change at discrete temperatu r e be tw e en the establi s hed limits. 4. voltage measure m ents to be perf o rmed 15 secon d s after application of dc current. 5. 1n821, 1n 823, 1 n 825, 1n8 27, an d 1n829 also ha ve qualification t o mil-pr f-195 0 0 /159 b y adding t he jan, jant x , jan t x v , or jans prefi x to part numb e rs a s w e ll as the ?- 1? suffix; e.g. jant x1n8 27- 1, jant xv1n82 9-1, etc. 6. designate radiat ion hardene d de vices w i th ?rh? p r efix instead of ?1 n?, e.g. r h 829a instead of 1n829 a. graphs change in tempe r ature coefficient (%/ o c) change in tempe r ature coefficient (mv/ o c) figure 1 typical change of te mperature coeffici ent the curve shown in figure 1 is typical of the diode series and greatly sim p lifies the estim a tion of the te m p e r atur e coefficient (tc ) when t he di ode is operated at currents othe r than 7.5 m a. exam ple: a di ode in this series is operated at a current of 7.5m a and has s pecified tem p er ature co efficient (tc ) lim its of +/-0.005% / o c. t o obtain the typical temperat ure coefficient lim its for this sam e diode oper at ed at a curr ent of 6.0m a, the new tc li m i ts (% / o c) can be estimated using the gr aph in figu re 1. at a test current of 6.0 m a the cha nge in te m p e r at ure coefficient (tc ) is approximately ?0.0006%. o c. the algeb raic sum of +/ - 0.005% o c and ? 0 .0006%/ o c give s the estim a ted lim its of +0.0044%/ o c an d -0.0056 %/ o c. with cha nge in operating current. m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ? 200 3 10-27- 2003 re v c
6.2 & 6.55 volt temperature compensated zener reference diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? 200 3 10-27- 2003 re v c w w w . mi c r o s e m i . c o m scottsd a l e division 1n821 thru 1n829a- 1 do-7 1 n 8 2 1 ? 1 n 8 2 9 a - 1 i z ? ope r ating c u rrent (ma) ? v z ? ch ange in zener voltag e ( m v) this curve in figure 2 illustrates the change of diode voltage arising from t he eff e ct of im pedance. it is in effect an exploded view of the z e n e r ope rati ng region of th e i - v characteristic. in conjunction with figur e 1, t h is curve can be used to estim a te total voltage regu lation under conditions of both varying tem p er ature and current. figure 2 typical change of ze ner voltage with cha nge in operating cu rre nt dimen s io ns all dimensi o n s i n i n c h m m


▲Up To Search▲   

 
Price & Availability of JANTXV1N827ATR-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X